Part Number Hot Search : 
IRF713 SC2544 DR251 78R03 QPA2237 MAX893 100PC MRF5711L
Product Description
Full Text Search
 

To Download DDTA113ZE-DIE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30761 rev. 4 - 2 1 of 7 dcx100ns www.diodes.co m ? diodes incorporated characteristic symbol value unit power dissipation (note 3) pd 150 mw thermal resistance, j unction to ambient air (note 3) r q ja 833 c/w operating and storage junc tion temperature range t j , t stg -55 to +150 c collector current (us ing pnp as pass trans istor) i c(max) 100 ma features @ t a = 25 c unless otherwise s pecified e q 2 r 1 1 k b q 2 c q 1 1 q 1 d d t a 1 1 3 z e _ d i e 2 r 3 1 0 k 3 4 r 2 1 0 k 5 6 e q 1 r 4 1 0 k q 2 d d t c 1 1 4 e e _ d i e s o t 5 6 3 b q 1 c q 2 dcx100 ns 100ma dual co mplem entary pre-bi ased transisto rs mechanical data built in b iasing resistors epitaxial planar die construction lead free by design/r ohs complian t (note 1) "green" device (no te 2) ideally suited fo r automated assembly processes notes: 1. no purposefully added lead. 2 . diodes inc.'s "green" policy can be found on our website at http: /www.diodes.com/products/lead_free/index.php. 3. device mounted on fr-4 pc b, 1 inch x 0.85 inch x 0.062 inch; please see page 6 or as per diodes inc. suggested pad layout document ap02001 on our website at http: //www.diodes.com/datasheets/ap02001.pdf . fig. 2: schematic and pin configuration maximum ratings: tot al device case: sot-563 case material: molded plastic. "green molding" compound. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminal connections: see fig. 2 terminals: finish - matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208 marking & type code information: see page 5 ordering information: see page 5 and 6 weight: 0.005 grams (approximate) dcx100ns is best suited for applications where the load needs to be turned on and off using control circ uits like micro-controllers, c omparators etc . particularly at a point of load. it features a discr ete pnp pass trans istor which can support continuous max imum current up to 100 ma. it also contains an npn transis tor which can be us ed as a control switch and also it can be biased us ing higher supply. the component devices can be used as part of a c ircuit or as stand alone discrete dev ices. sub-component device - pre-biased pnp transist or characteristic symbol value unit supply voltage v cc -50 v input voltage v in +5 to -10 v output current i c -100 ma 1 2 3 4 5 6 general descr ipti on fig. 1: sot-563 @ t a = 25 c unless otherwise s pecified sub-component p /n reference device type r1 (nom) r2 (nom) r3, r4 (nom) figure ddta113ze_die q1 pnp 1k w 10k w ? 2 ddtc114ee_die q2 npn ? ? 10k w 2 l e a d - f r e e g r e e n t c u d o r p w e n
ds30761 rev. 4 - 2 2 of 7 dcx100ns www.diodes.co m sub-component device - pre-biased npn transist or @ t a = 25 c unless otherwise s pecified characteristic symbol value unit supply voltage v cc 50 v input voltage v in -10 to +40 v output current i c 50 ma electri cal character isti cs: pre-bi ased pnp transistor @ t a = 25 c unless otherwise s pecified characteristic symbol min typ max unit test condition input voltage v i(off) -0.3 ? ? v v cc = -5v, i o = -100ua v i(on) ? ? -3.0 v v o = -0.3v, i o = -20ma output voltage v o(on) ? -0.1 -0.3 v i o /i i = -10ma / -0.5ma input current i i ? ? -7.2 ma v i = -5v output current i o(off) ? ? -0.5 ua v cc = -50v, v i = 0v dc current gain g i 33 ? ? ? v o = -5v, i o = -5ma input resistor toleranc e d r1 -30 ? +30 % ? resistor ratio tolerance r2/r1 0.8 1 1.2 % ? gain-bandwidth product f t ? 250 ? mhz v ce = -10v, i e = -5ma, f = 100 mhz electri cal character isti cs: pre-bi ased npn transistor @ t a = 25 c unless otherwise s pecified characteristic symbol min typ max unit test condition input voltage v i(off) 0.5 1.18 ? v v cc = 5v, i o = 100ua v i(on) ? 1.85 3 v v o = 0.3v, i o = 10ma output voltage v o(on) ? 0.1 0.3 v i o /i i = 10ma / 0.5ma input current i i ? ? 0.88 ma v i = 5v output current i o(off) ? ? 0.5 ua v cc = 50v, v i = 0v dc current gain g i 30 ? ? ? v o = 5v, i o = 5ma input resistor toleranc e d r1 -30 ? +30 % ? resistor ratio tolerance r2/r1 0.8 1 1.2 ? ? gain-bandwidth product f t ? 250 ? mhz v ce = 10v, i e = 5ma, f = 100 mhz typical charact eristi cs @ t amb = 25 c unless otherwise s pecified - 5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b i e n t t e m p e r at u r e ( c ) a f i g . 3 p o w e r d e r a t i n g c u r v e ( t o t a l d e v i c e ) p , p o w e r d i s s i p a t i o n ( m w ) d t c u d o r p w e n
ds30761 rev. 4 - 2 3 of 6 dcx100ns www.diodes.co m 0 0.1 10 1 10 0 i , c ol le ct or c ur re nt (m a) c fi g. 8 i np ut v olt ag e vs . o ut pu t c ur re nt i n p u t v o l t a g e ( v ) 3 6 9 12 15 v = 0.3 v ce t =1 50 c a t =1 25 c a t = 85 c a t = 25 c a t = -55 c a 0 .0 2 0 .0 4 0 .0 6 0 .0 8 0 .1 2 0 .1 4 0 .1 6 0 .1 8 0 .1 0 .2 0 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , c o l l e c t o r e m it t e r v o l t a g e ( v ) c e f ig . 4 v v s . i c e (s a t ) c 0 .2 0 .4 0 .6 0 .8 1 1 .2 1 .4 1 .6 1 .8 2 i = 2 0m a b i = 1 8m a b i = 1 6m a b i = 1 4m a b i = 1 2m a b i = 1 0m a b i = 8 m a b i = 6 m a b i = 4 m a b i = 2 m a b characteri stics curves of pnp transistor ( q1) @ t amb = 25 c unless otherwise s pecified v , c o l l e c t o r e m i t t e r c e ( s a t ) v o l t a g e ( v ) i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 6 v v s i c e ( s a t ) c 0 . 0 1 0 . 1 1 1 0 1 0 0 0 . 1 1 1 0 1 0 0 1 0 0 0 i c / i b = 1 0 t = 2 5 c a t = - 5 5 c a t = 8 5 c a t = 1 2 5 c a t = 1 5 0 c a 10 0 1 0.1 10 10 0 10 00 h , d c c u r r e n t g a i n f e i , c ol le ct or c ur re nt (m a) c fig . 5 d c cu rre nt ga in 0 50 15 0 20 0 25 0 30 0 v = 5 v ce t = 8 5 c a t = 1 25 c a t = 1 50 c a t = 2 5 c a t = - 55 c a 0 .0 1 0 .1 0 .1 1 0 1 0 0 1 1 0 1 0 0 1 0 0 0 v , c o l l e c t o r e m i t t e r v o l t a g e ( v ) c e ( s a t ) i , c o l l e c to r c u r r e n t ( m a ) c f ig . 7 v v s i c e (s a t ) c 1 ic /i b = 2 0 t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = -5 5 c a t c u d o r p w e n 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c f ig . 9 v v s i b e (o n ) c 1 1 0 0 v , b a s e e m i t t e r v o l t a g e ( v ) b e ( 0 n ) 0 0 .2 0 .4 0 .6 0 .8 1 1 .2 1 .4 1 .6 1 .8 2 0 .1 v = 5 v c e t = -5 5 c a t = 2 5 c a t = 85 c a t = 1 25 c a t = 1 50 c a
ds30761 rev. 4 - 2 4 of 7 dcx100ns www.diodes.co m 10 i , c ol le ct or c ur re nt (m a) c fig . 1 3 dc c urr en t g ain 1 10 0 h , d c c u r r e n t g a i n f e 0 0.1 50 10 0 15 0 20 0 25 0 30 0 10 00 v = 5 v ce t = -55 c a t = 25 c a t = 85 c a t = 1 25 c a t = 1 50 c a v , c o l l e c t o r e m i t t e r v o lta g e ( v ) c e f i g . 1 2 v v s i c e c i , c o l l e c t o r c u r r e n t ( m a ) c 0 0 . 0 1 0 . 0 2 0 . 0 3 0 . 0 4 0 . 0 5 0 . 0 6 0 . 0 7 0 . 0 8 0 . 0 9 0 . 1 0 0 . 4 0 . 8 1 . 2 1 . 6 2 i = 0 . 2 5 m a b i = 1 . 2 5 m a b i = 0 . 5 m a b i = 0 . 7 5 m a b i = 1 . 5 m a b i = 1 . 7 5 m a b i = 2 m a b i = 1 m a b v , c o l l e c t o r e m i t t e r c e ( s a t ) v o l t a g e ( v ) i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 4 v v s i c e ( s at ) c 0 . 0 1 0 . 1 1 1 0 1 0 0 0 . 1 1 1 0 1 0 0 1 0 0 0 i c / i b = 2 0 t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = - 5 5 c a characteri stics curves of npn transistor ( q2) @ t amb = 25 c unless otherwise s pecified t c u d o r p w e n 1 5 i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 0 v v s i b e ( s at ) c v , b a s e e m i t t e r v o l t a g e ( v ) b e ( s a t ) 9 0 . 1 1 0 1 0 0 0 3 6 1 2 1 i / i = 1 0 c b t = 2 5 c a t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = - 5 5 c a 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 1 v v s i b e ( s at ) c v , b a s e e m i t t e r v o l t a g e ( v ) b e ( s a t ) 0 . 1 0 1 5 1 1 0 0 2 3 4 6 7 8 i c / i b = 2 0 t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = - 5 5 c a v , c o l l e c t o r e m i t t e r c e ( s a t ) v o l t a g e ( v ) i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 5 v v s i c e ( s a t ) c 0 . 0 1 0 . 1 1 1 0 1 0 0 0 . 1 1 1 0 1 0 0 1 0 0 0 i c / i b = 2 0 t = - 5 5 c a t = 2 5 c a t = 8 5 c a t = 1 2 5 c a t = 1 5 0 c a
ds30761 rev. 4 - 2 5 of 7 dcx100ns www.diodes.co m device marki ng code packaging shipping dcx100ns-7 c01 sot-563 3000/tape & reel notes: 4. for packaging details, please see page 6 or go to our website at http:/ /www.diodes.com/datasheets/ap02007.pdf. orderi ng inform ation (note 4) t c u d o r p w e n i n p u t v o l t a g e ( v ) i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 6 i n p u t v o l t a g e v s o u t p u t c u r r e n t 0 0 . 1 1 1 0 1 0 0 5 1 0 1 5 2 0 2 5 v = 0 . 3 v c e t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = - 5 5 c a v , b a s e e m i t t e r v o l t a g e ( v ) b e ( o n ) i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 7 v v s i b e ( o n ) c 0 0 . 1 1 1 0 1 0 0 5 1 0 1 5 2 0 2 5 v = 5 v c e t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = - 5 5 c a v , b a s e e m i t t e r v o l t a g e ( v ) b e ( s a t ) i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 8 v v s i b e ( o n ) c 0 0 . 1 1 1 0 1 0 0 6 1 2 1 8 2 4 3 0 i c / i b = 1 0 t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = - 5 5 c a v , b a s e e m i t t e r v o l t a g e ( v ) b e ( s a t ) i , c o l l e c t o r c u r r e n t ( m a ) c f i g . 1 9 v v s i b e ( s at ) c 0 0 . 1 1 1 0 1 0 0 6 1 2 1 8 2 4 3 0 i c / i b = 2 0 t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = - 5 5 c a
ds30761 rev. 4 - 2 6 of 7 dcx100ns www.diodes.co m a m l b c h k g d c0 1y m fig. 21 mechanical details suggested pad layout: (based on ipc -sm-782) sot-563 dim min max typ a 0.15 0.3 0.25 b 1.1 1.25 1.2 c 1.55 1.7 1.6 d 0.5 g 0.90 1.1 1.00 h 1.5 1.7 1.6 k 0.56 0.6 0.6 l 0.15 0.25 0.2 m 0.1 0.18 0.11 all dimensions in m m t c u d o r p w e n month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2005 2006 2007 2008 2009 2010 2011 2012 code s t u v w x y z date code key fig. 20 c 0 1 y m c01 = product type mark ing code ym = date code marking y = year e.g., t = 2006 m = month e.g., 9 = september marking i nformat ion figure 22 dimensions sot-563 z 2.2 g 1.2 x 0.375 y 0.5 c 1.7 e 0.5 x z y c e e g fig. 22
ds30761 rev. 4 - 2 7 of 7 dcx100ns www.diodes.co m t c u d o r p w e n i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of DDTA113ZE-DIE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X